Part Number Hot Search : 
1A470 K2520 TC1N755A B39202 PS411425 5224B ANTXV2 P6KE15A
Product Description
Full Text Search
 

To Download 2SD1589 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1589
DESCRIPTION With TO-220Fa package DARLINGTON Complement to type 2SB1098 Low speed switching APPLICATIONS Low frequency power amplifier Low speed switching industrial use
PINNING PIN 1 2 3 DESCRIPTION Base Collector Fig.1 simplified outline (TO-220Fa) and symbol Emitter
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER

INC
Collector-base voltage
Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-Peak Base current (DC)
E SEM ANG H
OND IC
CONDITIONS
TOR UC
VALUE 150 100 7 5 8 0.5 UNIT V V V A A A
Open emitter
Open base Open collector
Ta=25ae PC Collector power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature
1.5 W 20 150 -55~150 ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SD1589
SYMBOL
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.1A , IB=0
60
V
VCEsat VBEsat
Collector-emitter saturation voltage
IC=3A ;IB=3mA IC=3A; IB=3mA
1.5
V
Base-emitter saturation voltage
2.0
V
ICBO
Collector cut-off current
VCB=100V ;IE=0
1
|I
A
hFE-1
DC current gain
IC=3A ; VCE=2V
2000
15000
hFE-2
DC current gain
IC=5A ; VCE=2V
500
Switching times
ton ts tf
Turn-on time
Fall time
Storage time

hFE Classifications R 2000-5000 O
CHA IN
3000-7000
E SEM NG
Y 5000-15000
IC=3A ;IB1=3mA IB2=-3mA; VCCO 50V RL=16.7|
OND IC
TOR UC
1.0 3.5 |I 1.2
|I
s
s
|I
s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1589

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1589

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X